Part Number Hot Search : 
302A0 TCFBA TCLT1008 C4054 AT94K05 MC145 W541C260 NTD5806
Product Description
Full Text Search
 

To Download K4E661612EK4E641612E Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  cmos dram k4e661612e,k4e641612e this is a family of 4,194,304 x 16 bit extended data out mode cmos drams. extended data out mode offers high speed random access of memory cells within the same row. refresh cycle(4k ref. or 8k ref.), access time (-45, -50 or -60), power consumption( nor- mal or low power) are optional features of this family. all of this family have cas -before- ras refresh, ras -only refresh and hidden refresh capabilities. furthermore, self-refresh operation is available in l-version. this 4mx16 edo mode dram family is fabricat ed using samsung s advanced cmos process to realize high band-width, low power consumption and high reliability. ? extended data out mode operation ? 2 cas byte/word read/write operation ? cas -before- ras refresh capability ? ras -only and hidden refresh capability ? fast parallel test mode capability ? self-refresh capability (l-ver only) ? lvttl(3.3v) compatible inputs and outputs ? early write or output enable controlled write ? jedec standard pinout ? available in plastic tsop(ii) packages ? +3.3v 0.3v power supply control clocks lower data out buffer ras ucas lcas w vcc vss dq0 to dq7 a0~a12 (a0~a11)*1 a0~a8 (a0~a9)*1 memory array 4,194,304 x 16 cells samsung electronics co., ltd. reserves the right to change products and specifications without notice. 4m x 16bit cmos dynamic ram with extended data out description functional block diagram note) *1 : 4k refresh s e n s e a m p s & i / o upper data in buffer upper data out buffer lower data in buffer dq 8 to dq15 oe row decoder column decoder vbb generator refresh timer refresh control refresh counter row address buffer col. address buffer ? part identification - k4e661612e-tc/l(3.3v, 8k ref.) - k4e641612e-tc/l(3.3v, 4k ref.) features ? refresh cycles part no. refresh cycle refresh time normal l-ver k4e661612e* 8k 64ms 128ms k4e641612e 4k unit : mw * access mode & ras only refresh mode : 8k cycle/64ms(normal), 8k cycle/128ms(l-ver.) cas -before- ras & hidden refresh mode : 4k cycle/64ms(normal), 4k cycle/128ms(l-ver.) ? active power dissipation speed 8k 4k -45 324 468 -50 288 432 -60 252 396 ? performance range speed t rac t cac t rc t hpc -45 45ns 12ns 74ns 17ns -50 50ns 13ns 84ns 20ns -60 60ns 15ns 104ns 25ns
cmos dram k4e661612e,k4e641612e v cc dq0 dq1 dq2 dq3 v cc dq4 dq5 dq6 dq7 n.c v cc w ras n.c n.c n.c n.c a0 a1 a2 a3 a4 a5 v cc v ss dq15 dq14 dq13 dq12 v ss dq11 dq10 dq9 dq8 n.c v ss lcas ucas oe n.c n.c a12(n.c)* a11 a10 a9 a8 a7 a6 v ss 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 50 49 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 32 31 30 29 28 27 26 pin configuration (top views) pin name pin function a0 - a12 address inputs(8k product) a0 - a11 address inputs(4k product) dq0 - 15 data in/out v ss ground ras row address strobe ucas upper column address strobe lcas lower column address strobe w read/write input oe data output enable v cc power(+3.3v) n.c no connection (400mil tsop(ii)) *(n.c) : n.c for 4k refresh product ? k4e661612e-t ? k4e641612e-t
cmos dram k4e661612e,k4e641612e absolute maximum ratings * permanent device damage may occur if "absolute maximum ratings" are exceeded. functional operation should be restricted to the conditions as detailed in the operational sections of this data sheet. exposure to absolute maximum rating conditions for ex tended periods may affect device reliability. parameter symbol rating units voltage on any pin relative to v ss v in, v out -0.5 to +4.6 v voltage on v cc supply relative to v ss v cc -0.5 to +4.6 v storage temperature tstg -55 to +150 c power dissipation p d 1 w short circuit output current i os address 50 ma recommended operating conditions (voltage referenced to vss, t a = 0 to 70 c) *1 : vcc+1.3v at pulse width 15ns which is measured at v cc *2 : -1.3 at pulse width 15ns which is measured at v ss parameter symbol min typ max units supply voltage v cc 3.0 3.3 3.6 v ground v ss 0 0 0 v input high voltage v ih 2.0 - vcc+0.3 *1 v input low voltage v il -0.3 *2 - 0.8 v dc and operating characteristics (recommended operating conditions unless otherwise noted.) parameter symbol min max units input leakage current (any input 0 v in v cc +0.3v, all other pins not under test=0 volt) i i(l) -5 5 ua output leakage current (data out is disabled, 0v v out v cc ) i o(l) -5 5 ua output high voltage level(i oh =-2ma) v oh 2.4 - v output low voltage level(i ol =2ma) v ol - 0.4 v
cmos dram k4e661612e,k4e641612e *note : i cc1 , i cc3 , i cc4 and i cc6 are dependent on output loading and cycle rates. specified values are obtained with the output open. i cc is specified as an average current. in i cc1 , i cc3 and i cc6, address can be changed maximum once while ras =v il . in i cc4 , address can be changed maximum once within one edo mode cycle time, t hpc . dc and operating characteristics (continued) i cc1 * : operating current ( ras and ucas , lcas , address cycling @ t rc =min.) i cc2 : standby current ( ras = ucas = lcas = w =v ih ) i cc3 * : ras -only refresh current ( ucas = lcas =v ih , ras , address cycling @ t rc =min.) i cc4 * : extended data out mode current ( ras =v il , ucas or lcas , address cycling @ t hpc =min.) i cc5 : standby current ( ras = ucas = lcas = w =v cc -0.2v) i cc6 * : cas -before- ras refresh current ( ras and ucas or lcas cycling @ t rc =min) i cc7 : battery back-up current, average power supply current, battery back-up mode input high voltage(v ih )=v cc -0.2v, input low voltage(v il )=0.2v, ucas , lcas = cas -before- ras cycling or 0.2v w , oe =v ih , address=don t care, dq=open, t rc =31.25us i ccs : self refresh current ras = ucas = lcas =0.2v, w = oe =a0 ~ a12(a11)=v cc -0.2v or 0.2v, dq0 ~ dq15=v cc -0.2v, 0.2v or open symbol power speed max units k4e661612e k4e641612e i cc1 don t care -45 -50 -60 90 80 70 130 120 110 ma ma ma i cc2 normal l don t care 1 1 1 1 ma ma i cc3 don t care -45 -50 -60 90 80 70 130 120 110 ma ma ma i cc4 don t care -45 -50 -60 100 90 80 100 90 80 ma ma ma i cc5 normal l don t care 0.5 200 0.5 200 ma ua i cc6 don t care -45 -50 -60 130 120 110 130 120 110 ma ma ma i cc7 l don t care 350 350 ua i ccs l don t care 350 350 ua
cmos dram k4e661612e,k4e641612e capacitance (t a =25 c, v cc =3.3v, f=1mhz) parameter symbol min max units input capacitance [a0 ~ a12] c in1 - 5 pf input capacitance [ ras , ucas , lcas , w , oe ] c in2 - 7 pf output capacitance [dq0 - dq15] c dq - 7 pf ac characteristics (0 c t a 70 c, see note 2) test condition : v cc =3.3v 0.3v, vih/vil=2.2/0.7v, voh/vol=2.0/0.8v parameter symbol -45 -50 -60 unit s note min max min max min max random read or write cycle time t rc 74 84 104 ns read-modify-write cycle time t rwc 101 113 138 ns access time from ras t rac 45 50 60 ns 3,4,10 access time from cas t cac 12 13 15 ns 3,4,5 access time from column address t aa 23 25 30 ns 3,10 cas to output in low-z t clz 3 3 3 ns 3 output buffer turn-off delay from cas t cez 3 13 3 13 3 13 ns 6,20 oe to output in low-z t olz 3 3 3 ns 3 transition time (rise and fall) t t 1 50 1 50 1 50 ns 2 ras precharge time t rp 25 30 40 ns ras pulse width t ras 45 10k 50 10k 60 10k ns ras hold time t rsh 8 8 10 ns cas hold time t csh 35 38 40 ns cas pulse width t cas 7 5k 8 10k 10 10k ns ras to cas delay time t rcd 11 33 11 37 14 45 ns 4 ras to column address delay time t rad 9 22 9 25 12 30 ns 10 cas to ras precharge time t crp 5 5 5 ns row address set-up time t asr 0 0 0 ns row address hold time t rah 7 7 10 ns column address set-up time t asc 0 0 0 ns 13 column address hold time t cah 7 7 10 ns 13 column address to ras lead time t ral 23 25 30 ns read command set-up time t rcs 0 0 0 ns read command hold time referenced to cas t rch 0 0 0 ns 8 read command hold time referenced to ras t rrh 0 0 0 ns 8 write command hold time t wch 7 7 10 ns write command pulse width t wp 6 7 10 ns write command to ras lead time t rwl 8 8 10 ns write command to cas lead time t cwl 7 7 10 ns 16 data set-up time t ds 0 0 0 ns 9,19
cmos dram k4e661612e,k4e641612e ac characteristics (continued) parameter symbol -45 -50 -60 units note min max min max min max data hold time t dh 7 7 10 ns 9,19 refresh period (normal) t ref 64 64 64 ms refresh period (l-ver) t ref 128 128 128 ms write command set-up time t wcs 0 0 0 ns 7 cas to w delay time t cwd 24 27 32 ns 7,15 ras to w delay time t rwd 57 64 77 ns 7 column address to w delay time t awd 35 39 47 ns 7 cas set-up time ( cas -before- ras refresh) t csr 5 5 5 ns 17 cas hold time ( cas -before- ras refresh) t chr 10 10 10 ns 18 ras to cas precharge time t rpc 5 5 5 ns access time from cas precharge t cpa 24 28 35 ns 3 hyper page cycle time t hpc 17 20 25 ns 21 hyper page read-modify-write cycle time t hprwc 47 47 56 ns 21 cas precharge time (hyper page cycle) t cp 6.5 7 10 ns 14 ras pulse width (hyper page cycle) t rasp 45 200k 50 200k 60 200k ns ras hold time from cas precharge t rhcp 24 30 35 ns oe access time t oea 12 13 15 ns 3 oe to data delay t oed 8 10 13 ns cas precharge to w delay time t cpwd 36 41 52 ns output buffer turn off delay time from oe t oez 3 11 3 13 3 13 ns 6 oe command hold time t oeh 5 5 5 ns write command set-up time (test mode in) t wts 10 10 10 ns 11 write command hold time (test mode in) t wth 10 10 10 ns 11 w to ras precharge time (c-b-r refresh) t wrp 10 10 10 ns w to ras hold time (c-b-r refresh) t wrh 10 10 10 ns output data hold time t doh 4 5 5 ns output buffer turn off delay from ras t rez 3 13 3 13 3 13 ns 6,20 output buffer turn off delay from w t wez 3 13 3 13 3 13 ns 6 w to data delay t wed 8 15 15 ns oe to cas hold time t och 5 5 5 ns cas hold time to oe t cho 5 5 5 ns oe precharge time t oep 5 5 5 ns w pulse width (hyper page cycle) t wpe 5 5 5 ns ras pulse width (c-b-r self refresh) t rass 100 100 100 us 22,23,24 ras precharge time (c-b-r self refresh) t rps 74 90 110 ns 22,23,24 cas hold time (c-b-r self refresh) t chs -50 -50 -50 ns 22,23,24
cmos dram k4e661612e,k4e641612e test mode cycle parameter symbol -45 -50 -60 units note min max min max min max random read or write cycle time t rc 79 89 109 ns read-modify-write cycle time t rwc 110 121 145 ns access time from ras t rac 50 55 65 ns 3,4,10,12 access time from cas t cac 17 18 20 ns 3,4,5,12 access time from column address t aa 28 30 35 ns 3,10,12 ras pulse width t ras 50 10k 55 10k 65 10k ns cas pulse width t cas 12 10k 13 10k 15 10k ns ras hold time t rsh 18 18 20 ns cas hold time t csh 39 43 50 ns column address to ras lead time t ral 28 30 35 ns cas to w delay time t cwd 29 35 39 ns 7 ras to w delay time t rwd 62 72 84 ns 7 column address to w delay time t awd 40 47 54 ns 7 hyper page cycle time t hpc 22 25 30 ns 21 hyper page read-modify-write cycle time t hprwc 52 53 61 ns 21 ras pulse width (hyper page cycle) t rasp 50 200k 55 200k 65 200k ns access time from cas precharge t cpa 29 33 40 ns 3 oe access time t oea 17 18 20 ns 3 oe to data delay t oed 13 18 20 ns oe command hold time t oeh 13 18 20 ns ( note 11 )
cmos dram k4e661612e,k4e641612e notes an initial pause of 200us is required after power-up followed by any 8 ras -only or cas -before- ras refresh cycles before proper device operation is achieved. input voltage levels are vih/vil. v ih (min) and v il (max) are reference levels for measuring timing of input signals. transition times are measured between v ih (min) and v il (max) and are assumed to be 2ns for all inputs. measured with a load equivalent to 1 ttl load and 100pf. operation within the t rcd (max) limit insures that t rac (max) can be met. t rcd (max) is specified as a reference point only. if t rcd is greater than the specified t rcd (max) limit, then access time is controlled exclusively by t cac . assumes that t rcd 3 t rcd (max). this parameter defines the time at which the output achieves the open circuit condition and is not referenced to v oh or v ol . t wcs , t rwd , t cwd and t awd are non restrictive operating parameters. they are included in the data sheet as electric charac- teristics only. if t wcs 3 t wcs (min), the cycles is an early write cycle and the data output will remain high impedance for the duration of the cycle. if t cwd 3 t cwd (min), t rwd 3 t rwd (min) and t awd 3 t awd (min), then the cycle is a read-modify-write cycle and the data output will contain the data read from the selected address. if neither of the above conditions is satisfied, the condition of the data out is indeterminate. either t rch or t rrh must be satisfied for a read cycle. this parameters are referenced to the cas leading edge in early write cycles and to the w falling edge in oe controlled write cycle and read-modify-write cycles. operation within the t rad (max) limit insures that t rac (max) can be met. t rad (max) is specified as a reference point only. if t rad is greater than the specified t rad (max) limit, then access time is controlled by t aa . these specifiecations are applied in the test mode. in test mode read cycle, the value of t rac , t aa , t cac is delayed by 2ns to 5ns for the specified values. these parameters should be specified in test mode cycles by adding the above value to the specified value in this data sheet. t asc , t cah are referenced to the earlier cas falling edge. t cp is specified from the last cas rising edge in the previous cycle to the first cas falling edge in the next cycle. t cwd is referenced to the later cas falling edge at word read-modify-write cycle. k4e64(6)1612e truth table ras lcas ucas w oe dq0 - dq7 dq8-dq15 state h x x x x hi-z hi-z standby l h h x x hi-z hi-z refresh l l h h l dq-out hi-z byte read l h l h l hi-z dq-out byte read l l l h l dq-out dq-out word read l l h l h dq-in - byte write l h l l h - dq-in byte write l l l l h dq-in dq-in word write l l l h h hi-z hi-z - 7. 6. 5. 10. 9. 8. 13. 12. 11. 15. 14. 3. 2. 1. 4.
cmos dram k4e661612e,k4e641612e t cwl is specified from w falling edge to the earlier cas rising edge. t csr is referenced to earlier cas falling before ras transition low. t chr is referenced to the later cas rising high after ras transition low. t ds is specified for the earlier cas falling edge and t dh is specified by the later cas falling edge in early write cycle. if ras goes high before cas high going, the open circuit condition of the output is achieved by cas high going. t asc 3 6ns, assume t t =2.0ns, if t asc 6ns, then t hpc (min) and t cas (min) must be increased by the value of "6ns-t asc ". if t rass 3 100us, then ras precharge time must use t rps instead of t rp . for ras -only-refresh and burst cas -before- ras refresh mode, 4096 cycles(4k/8k) of burst refresh must be executed within 64ms before and after self refresh, in order to meet refresh specification. for distributed cas -before- ras with 15.6us interval, cbr refresh should be executed with in 15.6us immediately before and after self refresh in order to meet refresh specification. t csr t chr ras lcas ucas t ds t dh lcas ucas dq0 ~ dq15 din 22. 21. 20. 19. 18. 17. 16. 23. 24.
cmos dram k4e661612e,k4e641612e t crp ras v ih - v il - ucas v ih - v il - a v ih - v il - w v ih - v il - oe v ih - v il - v oh - v ol - dq0 ~ dq7 column address row address t ras t rc t crp t rp t csh t rsh t rcd t cas t ral t asr t rah t asc t cah t crp t aa t oea t cac t clz t rac open t cez t rch don t care undefined lcas v ih - v il - t crp t csh t rsh t rcd t cas t rad t rrh v oh - v ol - dq8 ~ dq15 t cac t clz t rac open data-out data-out t cez t oez t oez t rcs word read cycle t olz
cmos dram k4e661612e,k4e641612e note : d in = open lower byte read cycle ras v ih - v il - lcas v ih - v il - a v ih - v il - w v ih - v il - oe v ih - v il - v oh - v ol - dq0 ~ dq7 column address row address t ras t rc t rp t csh t rsh t rcd t cas t ral t rad t asr t rah t asc t cah t crp t aa t oea t cac t clz t rac open data-out t oez t cez t rrh t rch don t care undefined t crp t rpc ucas v ih - v il - open v oh - v ol - dq8 ~ dq15 t rcs t olz
cmos dram k4e661612e,k4e641612e note : d in = open upper byte read cycle ras v ih - v il - lcas v ih - v il - a v ih - v il - w v ih - v il - oe v ih - v il - v oh - v ol - dq0 ~ dq7 column address row address t ras t rc t crp t rp t csh t rsh t rcd t cas t ral t rad t asr t rah t asc t cah t crp t aa t oea t cac t clz t rac open data-out t oez t cez t rrh t rch don t care undefined ucas v ih - v il - open v oh - v ol - dq8 ~ dq15 t crp t rpc t rcs t olz
cmos dram k4e661612e,k4e641612e ras v ih - v il - ucas v ih - v il - a v ih - v il - w v ih - v il - oe v ih - v il - column address row address t ras t rc t crp t rp t csh t rsh t rcd t cas t ral t rad t asr t rah t asc t cah t crp don t care word write cycle ( early write ) note : d out = open undefined lcas v ih - v il - t wcs v ih - v il - dq0 ~ dq7 t ds v ih - v il - dq8 ~ dq15 t crp t csh t rsh t rcd t cas t crp t wch t wp t dh data-in t ds t dh data-in
cmos dram k4e661612e,k4e641612e t crp ras v ih - v il - ucas v ih - v il - a v ih - v il - w v ih - v il - oe v ih - v il - column address row address t ras t rc t rp t ral t rad t asr t rah t asc t cah don t care lower byte write cycle ( early write ) note : d out = open undefined lcas v ih - v il - t wcs v ih - v il - dq0 ~ dq7 t ds v ih - v il - dq8 ~ dq15 t crp t csh t rsh t rcd t cas t wch t wp t dh data-in t crp
cmos dram k4e661612e,k4e641612e ras v ih - v il - ucas v ih - v il - a v ih - v il - w v ih - v il - oe v ih - v il - column address row address t ras t rc t crp t rp t csh t rsh t rcd t cas t ral t rad t asr t rah t asc t cah t crp don t care upper byte write cycle ( early write ) note : d out = open undefined lcas v ih - v il - t wcs v ih - v il - dq0 ~ dq7 v ih - v il - dq8 ~ dq15 t wch t wp t ds t dh data-in t crp
cmos dram k4e661612e,k4e641612e ras v ih - v il - ucas v ih - v il - a v ih - v il - w v ih - v il - oe v ih - v il - row address t ras t rc t crp t rp t csh t rsh t rcd t cas t ral t rad t asr t rah t asc t crp don t care word write cycle ( oe controlled write ) note : d out = open undefined lcas v ih - v il - v ih - v il - dq0 ~ dq7 v ih - v il - dq8 ~ dq15 t crp t rsh t rcd t cas t crp t rwl t wp t cwl t dh t dh data-in column address t oeh t oed t ds t ds data-in t csh t cah
cmos dram k4e661612e,k4e641612e ras v ih - v il - ucas v ih - v il - a v ih - v il - w v ih - v il - oe v ih - v il - column address row address t ras t rc t rp t ral t rad t asr t rah t asc t cah don t care lower byte write cycle ( oe controlled write ) note : d out = open undefined lcas v ih - v il - t rwl v ih - v il - dq0 ~ dq7 t ds v ih - v il - dq8 ~ dq15 t crp t csh t rsh t rcd t cas t crp t wp t cwl t dh data-in t crp t rpc t oeh t oed
cmos dram k4e661612e,k4e641612e ras v ih - v il - ucas v ih - v il - a v ih - v il - w v ih - v il - oe v ih - v il - column address row address t ras t rc t crp t rp t csh t rsh t rcd t cas t ral t rad t asr t rah t asc t cah t crp don t care upper byte write cycle ( oe controlled write ) note : d out = open undefined lcas v ih - v il - v ih - v il - v ih - v il - t crp t rwl t wp t cwl t ds t dh data-in t oeh t oed dq0 ~ dq7 dq8 ~ dq15 t crp
cmos dram k4e661612e,k4e641612e t rwl ras v ih - v il - ucas v ih - v il - a v ih - v il - w v ih - v il - oe v ih - v il - column address row addr. t ras t rwc t rp t rsh t rcd t cas t csh t rad t asr t rah t asc t cah t crp don t care word read - modify - write cycle undefined lcas v ih - v il - v i/oh - v i/ol - dq0 ~ dq7 v i/oh - v i/ol - dq8 ~ dq15 t wp t cwl t ds t dh t rsh t rcd t cas t crp t awd t cwd t oea t rwd t oed t oez t rac t aa t oez t rac t aa t ds t oed t dh valid data-out valid data-in valid data-out valid data-in t cac t clz t cac t clz t olz t olz
cmos dram k4e661612e,k4e641612e t rwl ras v ih - v il - ucas v ih - v il - a v ih - v il - w v ih - v il - oe v ih - v il - column address row addr. t ras t rwc t rp t csh t rad t asr t rah t asc t cah t crp don t care lower-byte read - modify - write cycle undefined lcas v ih - v il - v i/oh - v i/ol - dq0 ~ dq7 v oh - v ol - dq8 ~ dq15 t wp t cwl t ds t dh t rsh t rcd t cas t crp t awd t cwd t oea t rwd t oed t oez t rac t aa valid data-out valid data-in t rpc t cac t clz open t olz
cmos dram k4e661612e,k4e641612e t rwl ras v ih - v il - ucas v ih - v il - a v ih - v il - w v ih - v il - oe v ih - v il - column address row addr t ras t rwc t rp t rsh t rcd t cas t csh t rad t asr t rah t asc t cah t crp don t care upper-byte read - modify - write cycle undefined lcas v ih - v il - v oh - v ol - dq0 ~ dq7 v i/oh - v i/ol - dq8 ~ dq15 t wp t cwl t awd t cwd t oea t rwd t oez t rac t aa t ds t oed t dh valid data-out valid data-in t crp t rpc t cac t clz open t olz
cmos dram k4e661612e,k4e641612e t asc t olz t clz t olz t clz ras v ih - v il - ucas v ih - v il - a v ih - v il - w v ih - v il - oe v ih - v il - column address row addr t rasp t rp t rcd t crp don t care hyper page mode word read cycle undefined lcas v ih - v il - v oh - v ol - dq0 ~ dq7 v oh - v ol - dq8 ~ dq15 column address t cas t cas t cas t cas t cp t cp t cp t rez t hpc t hpc t hpc t rhcp t csh t rcd t crp t cas t cas t cas t cas t cp t cp t cp t rad t rcs t oea t rch t rrh column address column addr t oez t oep t cho t aa t cpa t aa t cac valid data-out t oep t oez t rac t cac t doh valid data-out valid data-out t och t cpa t aa t cac t cac t cpa t oez valid data-out valid data-out valid data-out t oep t oez t rac t cac valid data-out valid data-out t oez valid data-out valid data-out t doh t oea t asr t rah t asc t cah t asc t cah t cah t cah t asc t ral
cmos dram k4e661612e,k4e641612e t oea t olz t clz ras v ih - v il - ucas v ih - v il - a v ih - v il - w v ih - v il - oe v ih - v il - column address row addr t rasp t rp t crp don t care hyper page mode lower byte read cycle undefined lcas v ih - v il - v oh - v ol - dq0 ~ dq7 v oh - v ol - dq8 ~ dq15 column address t rez t rhcp t csh t rcd t cas t cas t cas t cas t cp t cp t cp t rad t rcs t rch t rrh column address column addr t oez t oep t cho t cpa t cac valid data-out t oep t oez t rac t cac t doh valid data-out valid data-out t och t cpa t cac t cac t cpa t oez valid data-out valid data-out open ? t rpc t asr t rah t asc t cah t asc t cah t cah t asc t cah t asc t aa t hpc t hpc t hpc t aa t aa t aa t oea t ral
cmos dram k4e661612e,k4e641612e ras v ih - v il - ucas v ih - v il - a v ih - v il - w v ih - v il - oe v ih - v il - column address row addr. t rasp t rp t rcd t asr t crp don t care hyper page mode upper byte read cycle undefined lcas v ih - v il - v oh - v ol - dq0 ~ dq7 v oh - v ol - dq8 ~ dq15 column address t cas t cas t cas t cas t cp t cp t cp t rez t hpc t hpc t hpc t rhcp t csh t crp t rah t asc t cah t cah t cah t asc t cah t rcs t oea t rch t rrh column address column addr. t oez t oep t cho t cpa t cac valid data-out t oep t oez t rac t cac t olz t clz t doh valid data-out valid data-out t och t cpa t cac t cac t cpa t oez valid data-out valid data-out open ? t asc t rpc t rpc t rad t asc t aa t aa t aa t oea t ral
cmos dram k4e661612e,k4e641612e ras v ih - v il - ucas v ih - v il - a v ih - v il - w v ih - v il - oe v ih - v il - column address row addr t rasp t rp t rcd t asr t crp don t care hyper page mode word write cycle ( early write ) undefined lcas v ih - v il - v ih - v il - dq0 ~ dq7 v ih - v il - dq8 ~ dq15 t crp t hpc t rhcp t rad t rah t cah t cah t asc t cah t asc valid data-in t ds ? column address column address t cas t cp t cas t cp t cas t rsh ? t rcd t crp t hpc t hpc t cas t cp t cas t cp t cas t rsh ? t csh t asc ? ? t wp t wcs t wch t wp t wcs t wch t wp t wcs t wch ? ? ? valid data-in valid data-in ? ? t dh t ds t dh t ds t dh valid data-in valid data-in valid data-in ? ? t dh t dh t dh t ds t ds t ds note : d out = open t hpc t ral
cmos dram k4e661612e,k4e641612e ras v ih - v il - ucas v ih - v il - a v ih - v il - w v ih - v il - oe v ih - v il - column address row addr t rasp t rp t asr t crp don t care hyper page mode lower byte write cycle ( early write ) undefined lcas v ih - v il - v ih - v il - dq0 ~ dq7 v ih - v il - dq8 ~ dq15 t rpc t rhcp t rad t rah t cah t cah t asc t cah t asc valid data-in t ds ? column address column address t rcd t crp t hpc t hpc t cas t cp t cas t cp t cas t rsh ? t csh t asc ? ? t wp t wcs t wch t wp t wcs t wch t wp t wcs t wch ? ? ? valid data-in valid data-in ? ? t dh t ds t dh t ds t dh note : d out = open t ral
cmos dram k4e661612e,k4e641612e t wcs ras v ih - v il - ucas v ih - v il - a v ih - v il - w v ih - v il - oe v ih - v il - column address row addr t rasp t rp t asr t crp don t care hyper page mode upper byte write cycle ( early write ) undefined lcas v ih - v il - v ih - v il - dq0 ~ dq7 v ih - v il - dq8 ~ dq15 t rpc t rhcp t rad t rah t cah t cah t asc t cah t asc valid data-in t ds ? column address column address t rcd t crp t hpc t hpc t cas t cp t cas t cp t cas t rsh ? t csh t asc ? ? t wp t wch t wp t wcs t wch t wp t wcs t wch ? ? ? valid data-in valid data-in ? ? t dh t ds t dh t ds t dh note : d out = open ? ? t ral
cmos dram k4e661612e,k4e641612e ras v ih - v il - ucas v ih - v il - a v ih - v il - w v ih - v il - oe v ih - v il - v i/oh - v i/ol - dq0 ~ dq7 row addr t csh t rasp t rp t asr don t care hyper page mode word read - modify - write cycle undefined t rcd t cp t rad t cah t wp t dh col. addr col. addr t cas t cas t crp t asc t cah t ral t rcs t cwl t cwd t awd t rwd t wp t cwd t awd t cwl t aa t rac t oea t clz t cac t oez t cpwd t oed t asc t clz t oea t cac t aa t dh t oed lcas v ih - v il - t rcd t cp t cas t cas t crp t crp t crp v i/oh - v i/ol - dq8 ~ dq15 valid data-out t dh t aa t rac t clz t cac valid data-in valid data-out valid data-in t clz t cac t aa t dh t oez t oed t ds t ds t ds t oed t oez t oez valid data-out valid data-in valid data-out valid data-in t ds t hprwc t rsh t rwl t rcs t rah
cmos dram k4e661612e,k4e641612e t asc ras v ih - v il - a v ih - v il - w v ih - v il - oe v ih - v il - v i/oh - v i/ol - dq0 ~ dq7 row addr t csh t rasp t rp t asr don t care hyper page mode lower byte read - modify - write cycle undefined t rad t cah t wp t dh col. addr col. addr t asc t cah t ral t rcs t cwl t cwd t awd t rwd t wp t cwd t awd t cwl t aa t rac t oea t clz t cac t oez t cpwd t oed t clz t oea t cac t aa t dh t oed t rwl t rcd t cp t cas t cas t crp t crp t crp v i/oh - v i/ol - dq8 ~ dq15 t ds t oez valid data-out valid data-in valid data-out valid data-in t ds t rpc t rsh open lcas v ih - v il - ucas v ih - v il - t hprwc t rcs t olz t olz t rah
cmos dram k4e661612e,k4e641612e t asc t crp ras v ih - v il - a v ih - v il - w v ih - v il - oe v ih - v il - v i/oh - v i/ol - dq0 ~ dq7 row addr t csh t rasp t rp t asr don t care hyper page mode upper byte read - modify - write cycle undefined t rad t cah t wp t dh col. addr col. addr t cah t ral t rcs t cwl t cwd t awd t rwd t wp t cwd t awd t cwl t aa t rac t oea t clz t cac t oez t cpwd t oed t clz t oea t cac t aa t dh t oed t rwl t rcd t cp t cas t cas t crp t crp v i/oh - v i/ol - dq8 ~ dq15 t ds t oez valid data-out valid data-in valid data-out valid data-in t ds t rpc t rsh open lcas v ih - v il - ucas v ih - v il - t hprwc t asc t rcs t rah t olz t olz
cmos dram k4e661612e,k4e641612e hyper page read and write mixed cycle ras v ih - v il - a v ih - v il - w v ih - v il - oe v ih - v il - column address row addr t rasp t rp don t care undefined v i/oh - v i/ol - dq0 ~ dq7 t wez t cp t hpc t hpc t hpc t rcd t rah t asc t cah t cah t cah t asc t cah t rch t rcs t rcs t rch t asc column address col. addr valid data-out t rez t aa t wcs valid data-out valid data-out valid data-in t rac col. addr t cas t asr t cas t cas t cas t asc t cp t rch t wch t wpe t clz t cpa t wed t aa t wez t ds t dh t cac t oea t cp t hpc t hpc t cas t cas t cas t cas t cp v i/oh - v i/ol - dq8 ~ dq15 t wez valid data-out t rez t aa valid data-out valid data-out valid data-in t rac t aa t wez t ds t dh t cac t oea lcas v ih - v il - ucas v ih - v il - t cp t hpc t cp read( t cac ) read( t cpa ) write read( t aa ) t rad t rhcp t ral
cmos dram k4e661612e,k4e641612e t crp open ras v ih - v il - ucas v ih - v il - a v ih - v il - row addr t rc t rp t asr t crp ras - only refresh cycle lcas v ih - v il - t ras t rah note : w , oe , d in = don t care d out = open t rpc cas - before - ras refresh cycle note : oe , a = don t care ras v ih - v il - ucas v ih - v il - t rc t rp lcas v ih - v il - t ras t rpc t cp t rpc t csr t chr t cp t csr t chr t cez open v oh - v ol - dq0 ~ dq7 v oh - v ol - dq8 ~ dq15 t wrp t wrh w v ih - v il - don t care t rp undefined
cmos dram k4e661612e,k4e641612e t oez data-in data-out t rp ras v ih - v il - ucas v ih - v il - a v ih - v il - w v ih - v il - oe v ih - v il - row address t ras t rc t chr t rcd t rsh t rad t asr t rah t asc t crp don t care hidden refresh cycle ( read ) undefined lcas v ih - v il - v oh - v ol - dq0 ~ dq7 v oh - v ol - dq8 ~ dq15 t rsh t rcd t crp t wrh column address t oea t ras t rc t chr t cah t rcs t aa t rac t clz t cac data-out t cez open open t rp t rez t wez t olz t ral
cmos dram k4e661612e,k4e641612e t wcs t rp ras v ih - v il - ucas v ih - v il - a v ih - v il - w v ih - v il - oe v ih - v il - row address t ras t rc t chr t rcd t rsh t rad t asr t rah t asc t crp don t care hidden refresh cycle ( write ) undefined lcas v ih - v il - v ih - v il - dq0 ~ dq7 v ih - v il - dq8 ~ dq15 t rsh t rcd t crp t wrh column address t ras t rc t chr t cah t wrp t ds note : d out = open t wp t wch data-in t dh t ds data-in t dh t rp
cmos dram k4e661612e,k4e641612e open cas - before - ras self refresh cycle note : oe , a = don t care ras v ih - v il - ucas v ih - v il - t rps lcas v ih - v il - t rass t rpc t cp t rpc t csr t cez open v oh - v ol - dq0 ~ dq7 v oh - v ol - dq8 ~ dq15 t wrp t wrh w v ih - v il - t chs t cp t csr t chs test mode in cycle note : oe , a = don t care ras v ih - v il - ucas v ih - v il - t rp lcas v ih - v il - t rc t rpc t cp t rpc t csr open v oh - v ol - dq0 ~ dq15 t chr t cp t csr t chr t rp t rp don t care undefined t wts t wth w v ih - v il - t cez t ras
cmos dram k4e661612e,k4e641612e 50 tsop(ii) 400mil units : inches (millimeters) max 0.047 (1.20) min 0.002 (0.05) 0.018 (0.45) 0.010 (0.25) 0.0315 (0.80) 0.034 (0.875) 0.821 (20.85) 0.829 (21.05) 0.841 (21.35) max 0.010 (0.25) 0.004 (0.10) 0 . 4 0 0 ( 1 0 . 1 6 ) 0 . 4 7 1 ( 1 1 . 9 6 ) 0 . 4 5 5 ( 1 1 . 5 6 ) 0~8 0.030 (0.75) 0.018 (0.45) typ 0.010 (0.25) o package dimension


▲Up To Search▲   

 
Price & Availability of K4E661612EK4E641612E

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X